Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 518Page - Renesas Technology Corp SH7616 Datasheet HTML 519Page - Renesas Technology Corp SH7616 Datasheet HTML 520Page - Renesas Technology Corp SH7616 Datasheet HTML 521Page - Renesas Technology Corp SH7616 Datasheet HTML 522Page - Renesas Technology Corp SH7616 Datasheet HTML 523Page - Renesas Technology Corp SH7616 Datasheet HTML 524Page - Renesas Technology Corp SH7616 Datasheet HTML 525Page - Renesas Technology Corp SH7616 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 496 of 906
REJ09B0292-0200
11.3.5
Number of Bus Cycles
The number of states in the bus cycle when the DMAC is the bus master is controlled by the bus
state controller (BSC) just as it is when the CPU is the bus master. For details, see section 7, Bus
State Controller (BSC).
11.3.6
DMA Transfer Request Acknowledge Signal Output Timing
DMA transfer request acknowledge signal DACKn is output synchronous to the DMA address
output specified by the channel control register AM bit of the address bus. Normally, the
acknowledge signal becomes valid when DMA address output begins, and becomes invalid 0.5
cycles before the address output ends. (See figure 11.13.) The output timing of the acknowledge
signal varies with the settings of the connected memory space. The output timing of acknowledge
signals in the memory spaces is shown in figure 11.13.
Clock
DACKn
(Active high)
Address bus
CPU
DMAC
0.5 cycles
Figure 11.13 Example of DACKn Output Timing
Acknowledge Signal Output when External Memory Is Set as Ordinary Memory Space:
The timing at which the acknowledge signal is output is the same in the DMA read and write
cycles specified by the AM bit (figures 11.14 and 11.15). When DMA address output begins, the
acknowledge signal becomes valid; 0.5 cycles before address output ends, it becomes invalid. If a
wait is inserted in this period and address output is extended, the acknowledge signal is also
extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com