| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 521 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 521 Page - Renesas Technology Corp |
|
521 / 935 page ![]() Section 11 Direct Memory Access Controller (DMAC) Rev. 2.00 Mar 09, 2006 page 495 of 906 REJ09B0292-0200 Table 11.9 shows the combinations of request mode, bus mode, and address mode that can be specified in the external request mode. Table 11.9 Combinations of Request Mode, Bus Mode, and Address Mode Specifiable in the External Request Mode Dual Address Mode Single Address Mode Request Mode Burst Mode Cycle-Steal Mode Burst Mode Cycle-Steal Mode Byte — O — O External request Level detection* 1 Word — O — O Longword — O — O 16-byte unit — — — — Byte O O O O Edge detection* 2 Word O O O O Longword O O O O 16-byte unit O O O O Notes: O: Can be set —: Cannot be set 1. The same for high-level and low-level detection. 2. The same for rising-edge detection and falling-edge detection. Bus Mode and Channel Priority: When a given channel (1) is transferring in burst mode and there is a transfer request to a channel (0) with a higher priority, the transfer of the channel with higher priority (0) will begin immediately. When channel 0 is also operating in the burst mode, the channel 1 transfer will continue as soon as the channel 0 transfer has completely finished. When channel 0 is in cycle-steal mode, channel 1 will begin operating again after channel 0 completes the transfer of one transfer unit, but the bus will then switch between the two in the order channel 1, channel 0, channel 1, channel 0. Since channel 1 is in burst mode, it will not give the bus to the CPU. This example is illustrated in Figure 11.12. Bus state CPU DMAC ch1 DMAC ch1 DMAC ch0 DMAC ch0 DMAC ch1 DMAC ch1 DMAC ch1 DMAC ch1 DMAC ch0 DMAC ch1 DMAC ch1 CPU ch1 ch0 ch0 ch1 ch0 CPU DMAC ch1 Burst mode DMAC ch1 Burst mode DMAC ch1/ch0 bus right transfers CPU Figure 11.12 Bus Status when Multiple Channels are Operating (when priority order is ch0 > ch1, ch1 is set to burst mode, and ch0 to cycle-steal mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |