Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 523 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 523 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 519Page - Renesas Technology Corp SH7616 Datasheet HTML 520Page - Renesas Technology Corp SH7616 Datasheet HTML 521Page - Renesas Technology Corp SH7616 Datasheet HTML 522Page - Renesas Technology Corp SH7616 Datasheet HTML 523Page - Renesas Technology Corp SH7616 Datasheet HTML 524Page - Renesas Technology Corp SH7616 Datasheet HTML 525Page - Renesas Technology Corp SH7616 Datasheet HTML 526Page - Renesas Technology Corp SH7616 Datasheet HTML 527Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 497 of 906
REJ09B0292-0200
Clock
DACKn
(Active high)
Address
bus
CPU
DMAC
read
DMAC
write
Invalid
write
CPU
0.5 cycles
DMAC read
T1
TW
T2
Basic timing
1 wait inserted
Figure 11.14 DACKn Output in Ordinary Space Accesses (AM = 0)
Clock
DACKn
(Active high)
Address
bus
DMAC
read
DMAC
write
Invalid
write
Invalid
write
CPU
DMAC read
Basic timing
1 wait inserted
DMAC write
Figure 11.15 DACKn Output in Ordinary Space Accesses (AM = 1)
In a longword access of a 16-bit external device (figure 11.16) or an 8-bit external device (figure
11.17), or a word access of an 8-bit external device (figure 11.18), the lower and upper addresses
are output 2 and 4 times in each DMAC access in order to align the data. For all of these
addresses, the acknowledge signal becomes valid simultaneous with the start of output and the
signal becomes invalid 0.5 cycles before the address output ends. When multiple addresses are
output in a single access to align data for synchronous DRAM, DRAM, or burst ROM, an
acknowledge signal is output to those addresses as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com