Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 623 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 619Page - Renesas Technology Corp SH7616 Datasheet HTML 620Page - Renesas Technology Corp SH7616 Datasheet HTML 621Page - Renesas Technology Corp SH7616 Datasheet HTML 622Page - Renesas Technology Corp SH7616 Datasheet HTML 623Page - Renesas Technology Corp SH7616 Datasheet HTML 624Page - Renesas Technology Corp SH7616 Datasheet HTML 625Page - Renesas Technology Corp SH7616 Datasheet HTML 626Page - Renesas Technology Corp SH7616 Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 597 of 906
REJ09B0292-0200
Initialization
Set TFRST and RFRST bits
to 1 in SCFCR
Set CKE1 and CKE0 bits
in SCSCR (leaving TE and
RE bits cleared to 0)
Set transmit/receive format
in SCSMR
Set value in SCBRR
1-bit interval elapsed?
Set RTRG1–0 and TTRG1–0 bits
in SCFCR, and clear TFRST
and RFRST bits to 0
Set TE or RE bit to 1 in SCSCR,
and set RIE, TIE, and MPIE bits
End
1
2
3
Clear TE and RE bits
to 0 in SCSCR
4
1. Set the clock selection in SCSCR.
Be sure to clear bits RIE, TIE, and
MPIE, and bits TE and RE, to 0.
When clock output is selected in
asynchronous mode, it is output
immediately after SCSCR settings are
made.
Select input or output for the SCK pin
with the PFC.
2. Set the transmit/receive format in
SCSMR.
When using IrDA mode, also set
SCIFMR.
3. Write a value corresponding to the bit
rate into the bit rate register (SCBRR).
(Not necessary if an external clock is
used.)
4. Wait at least one bit interval, then set
the TE bit or RE bit in SCSCR to 1.
Also set the RIE, TIE, and MPIE bits.
Setting the TE and RE bits enables
the TxD and RxD pins to be used.
When transmitting, the SCIF will go to
the mark state; when receiving, it will
go to the idle state, waiting for a start
bit.
Yes
No
Wait
Figure 14.4 Sample SCIF Initialization Flowchart
• Serial Data Transmission (Asynchronous Mode)
Figure 14.5 shows a sample flowchart for serial transmission.
Use the following procedure for serial data transmission after enabling the SCIF for
transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com