Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 619 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 619 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp SH7616 Datasheet HTML 619Page - Renesas Technology Corp SH7616 Datasheet HTML 620Page - Renesas Technology Corp SH7616 Datasheet HTML 621Page - Renesas Technology Corp SH7616 Datasheet HTML 622Page - Renesas Technology Corp SH7616 Datasheet HTML 623Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 593 of 906
REJ09B0292-0200
Table 14.9 SCSMR and SCSCR Settings for SCIF Clock Source Selection
SCSMR
SCSCR Setting
SCIF Transmit/Receive Clock
Bit 7:
C/
A
AA
A
Bit 1:
CKE1
Bit 0:
CKE0
Mode
Clock
Source
SCK Pin Function
0
0
0
Asynchronous
mode
Internal
SCIF does not use SCK pin
1
Outputs clock with frequency of
16/8/4 times bit rate
1
0
External
Inputs clock with frequency of 16/8/4
1
times bit rate
1
0
0
Synchronous
Internal
Outputs serial clock
1
mode
1
0
External
Inputs serial clock
1
14.3.2
Operation in Asynchronous Mode
In asynchronous mode, characters are sent or received, each preceded by a start bit indicating the
start of communication and followed by one or two stop bits indicating the end of communication.
Serial communication is thus carried out with synchronization established on a character-by-
character basis.
Inside the SCIF, the transmitter and receiver are independent units, enabling full-duplex
communication. Both the transmitter and the receiver also have a 16-stage FIFO buffer structure,
so that data can be read or written during transmission or reception, enabling continuous data
transfer.
Figure 14.3 shows the general format for asynchronous serial communication.
In asynchronous serial communication, the communication line is usually held in the mark state
(high level). The SCIF monitors the line, and when it goes to the space state (low level),
recognizes a start bit and starts serial communication.
One serial communication character consists of a start bit (low level), followed by data (LSB-first
or MSB-first order selectable), a parity bit or multiprocessor bit (high or low level), and finally
one or two stop bits (high level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com