Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 615 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 615 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 611Page - Renesas Technology Corp SH7616 Datasheet HTML 612Page - Renesas Technology Corp SH7616 Datasheet HTML 613Page - Renesas Technology Corp SH7616 Datasheet HTML 614Page - Renesas Technology Corp SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp SH7616 Datasheet HTML 619Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 615 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 589 of 906
REJ09B0292-0200
14.2.12 FIFO Error Register (SCFER)
The FIFO error register (SCFER) indicates the data location at which a parity error or framing
error occurred in receive data stored in the receive FIFO data register (SCFRDR).
SCFER can be read at all times.
Upper 8 bits:
15
14
13
12
11
10
9
8
ED15
ED14
ED13
ED12
ED11
ED10
ED9
ED8
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Lower 8 bits:
7
6
5
4
3
2
1
0
ED7
ED6
ED5
ED4
ED3
ED2
ED1
ED0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bits 15 to 0—Error Data Flags 15 to 0 (ED15 to ED0): These flags indicate the data location in the
receive FIFO data register at which an error occurred. When data in the nth stage of the buffer
contains an error, the nth bit is set to 1. Note that this register is not cleared by setting the RFRST
bit to 1 in SCFCR.
Bits 15 to 0:
ED15 to ED0
Description
0
No parity or framing error in data in corresponding stage of register FIFO
(Initial value)
1
Parity or framing error present in data in corresponding stage of register FIFO
Note: A reset operation is performed in the event of a reset, when the module standby function is
used, or in standby mode. These flags are also cleared by reading the data in which the
parity error or framing error occurred from SCFRDR.
14.2.13 IrDA Mode Register (SCIMR)
The IrDA mode register (SCIFMR) allows selection of the IrDA mode and the IrDA output pulse
width, and inversion of the IrDA receive data polarity.
SCIMR can be read and written to at all times.
SCIMR is initialized to H'00 by a reset, by the module standby function, and inop standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com