Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 610Page - Renesas Technology Corp SH7616 Datasheet HTML 611Page - Renesas Technology Corp SH7616 Datasheet HTML 612Page - Renesas Technology Corp SH7616 Datasheet HTML 613Page - Renesas Technology Corp SH7616 Datasheet HTML 614Page - Renesas Technology Corp SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 588 of 906
REJ09B0292-0200
14.2.11 FIFO Data Count Register (SCFDR)
The FIFO data count register (SCFDR) is a 16-bit register that indicates the number of data bytes
stored in the transmit FIFO data register (SCFTDR) and receive FIFO data register (SCFRDR).
The upper 8 bits show the number of transmit data bytes in SCFTDR, and the lower 8 bits show
the number of receive data bytes in SCFRDR.
SCFDR can be read by the CPU at all times.
SCFDR is initialized to H'00 by a reset, by the module standby function, and in standby mode. It is
also initialized to H'00 by setting the TFRST and RFRST bits to 1 in SCFCR to reset SCFTDR
and SCFRDR to the empty state.
Upper 8 bits:
15
14
13
12
11
10
9
8
—
—
—
T4
T3
T2
T1
T0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bits 15 to 13—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 12 to 8—Transmit FIFO Data Count 4 to 0 (T4 to T0): These bits show the number of
untransmitted data bytes in SCFTDR.
A value of H'00 indicates that there is no transmit data, and a value of H'10 indicates that
SCFTDR is full of transmit data. The value is cleared to H'00 by transmitting all the data, as well
as by the above initialization conditions.
Lower 8 bits:
7
6
5
4
3
2
1
0
—
—
—
R4
R3
R2
R1
R0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bits 7 to 5—Reserved: These bits are always read as 0. The write value should always be 0.
Bits 4 to 0—Receive FIFO Data Count 4 to 0 (R4 to R0): These bits show the number of receive
data bytes in SCFRDR.
A value of H'00 indicates that there is no receive data, and a value of H'10 indicates that SCFRDR
is full of receive data. The value is cleared to H'00 by reading all the receive data from SCFRDR,
as well as by the above initialization conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com