Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 613Page - Renesas Technology Corp SH7616 Datasheet HTML 614Page - Renesas Technology Corp SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp SH7616 Datasheet HTML 619Page - Renesas Technology Corp SH7616 Datasheet HTML 620Page - Renesas Technology Corp SH7616 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 591 of 906
REJ09B0292-0200
14.3
Operation
14.3.1
Overview
The SCIF can carry out serial communication in two modes: asynchronous mode in which
synchronization is achieved character by character, and synchronous mode in which
synchronization is achieved with clock pulses.
An IrDA block is also provided, enabling infrared communication conforming to IrDA 1.0 to be
executed by connecting an infrared transmission/reception unit.
Sixteen-stage FIFO buffers are provided for both transmission and reception, reducing the CPU
overhead and enabling fast, continuous communication to be performed.
Selection of asynchronous, synchronous, or IrDA mode and the transmission format is made by
means of the serial mode register (SCSMR) and IrDA mode register (SCIMR) as shown in table
14.8. The SCIF clock source is determined by a combination of the C/
A bit in SCSMR, the
IRMOD bit in SCIMR, and the CKE1 and CKE0 bits in the serial control register (SCSCR), as
shown in table 14.9.
• Asynchronous Mode
 Data length: Choice of 7 or 8 bits
 Choice of parity addition, multiprocessor bit addition, and addition of 1 or 2 stop bits (the
combination of these parameters determines the transmit/receive format and character
length)
 Detection of framing, parity, and overrun errors, receive FIFO data full and receive data
ready conditions, and breaks, during reception
 Detection of transmit FIFO data empty condition during transmission
 Choice of internal or external clock as SCIF clock source
When internal clock is selected: The SCIF operates on a clock with a frequency of 16, 8, or
4 times the bit rate of the baud rate generator, and can output this operating clock.
When external clock is selected: A clock with a frequency of 16, 8, or 4 times the bit rate
must be input (the built-in baud rate generator is not used).
• Synchronous Mode
 Transmit/receive format: Fixed 8-bit data
 Detection of overrun errors during reception
 Choice of internal or external clock as SCIF clock source
When internal clock is selected: The SCIF operates on the baud rate generator clock and
can output a serial clock to external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com