Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 614Page - Renesas Technology Corp SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp SH7616 Datasheet HTML 619Page - Renesas Technology Corp SH7616 Datasheet HTML 620Page - Renesas Technology Corp SH7616 Datasheet HTML 621Page - Renesas Technology Corp SH7616 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 592 of 906
REJ09B0292-0200
When external clock is selected: The on-chip baud rate generator is not used, and the SCIF
operates on the input serial clock.
• IrDA Mode
 IrDA 1.0 compliance
 Data length: 8 bits
 Stop bit length: 1 bit
 Protection function to prevent receiver being affected during transmission
 Clock source: Internal clock
Table 14.8 SCSMR and SCIMR Settings for Serial Transmit/Receive Format Selection
SCIMR
SCSMR Settings
SCIF Transmit/Receive Format
Bit 7:
IRMOD
Bit 7:
C/
A
AA
A
Bit 6:
CHR
Bit 2:
MP
Bit 5:
PE
Bit 3:
STOP Mode
Data
Length MP Bit
Parity
Bit
Stop Bit
Length
0
0
0
0
0
0
Asynchronous 8-bit
Absent Absent 1 bit
1
mode
data
2 bits
1
0
Present 1 bit
1
2 bits
1
0
0
7-bit
Absent 1 bit
1
data
2 bits
1
0
Present 1 bit
1
2 bits
0
1
*
0
Asynchronous
mode (multi-
8-bit
data
Present Absent 1 bit
*
1
processor
format)
2 bits
1
*
0
7-bit
1 bit
*
1
data
2 bits
0
1
*
*
*
*
Synchronous
mode
8-bit
data
Absent Absent None
1
0
ICK3 ICK2 ICK1 ICK0
IrDA mode
8-bit
data
Absent Absent 1 bit
1
*
*
*
*
Setting
prohibited
—
—
—
—
Note: An asterisk in the table means “Don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com