Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 616 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 616 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 612Page - Renesas Technology Corp SH7616 Datasheet HTML 613Page - Renesas Technology Corp SH7616 Datasheet HTML 614Page - Renesas Technology Corp SH7616 Datasheet HTML 615Page - Renesas Technology Corp SH7616 Datasheet HTML 616Page - Renesas Technology Corp SH7616 Datasheet HTML 617Page - Renesas Technology Corp SH7616 Datasheet HTML 618Page - Renesas Technology Corp SH7616 Datasheet HTML 619Page - Renesas Technology Corp SH7616 Datasheet HTML 620Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 590 of 906
REJ09B0292-0200
Bit:
76
543
210
IRMOD
PSEL
RIVS
—
—
—
—
—
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R
R
R
R
R
Bit 7—IrDA Mode (IRMOD): Selects operation as an IrDA serial communication interface.
Bit 7: IRMOD
Description
0
Operation as SCIF is selected
(Initial value)
1
Operation as IrDA is selected*
Note: * When operation as an IrDA interface is selected, bit 7 (C/
A) of the serial mode register
(SCSMR) must be cleared to 0.
Bit 6—Output Pulse Width Select (PSEL): Selects either 3/16 of the bit length set by bits ICK3 to
ICK0 in the serial mode register (SCSMR), or 3/16 of the bit length corresponding to the selected
baud rate, as the IrDA output pulse width. The setting is shown together with bits 6 to 3 (ICK3 to
ICK0) of the serial mode register (SCSMR).
Serial Mode Register (SCSMR)
SCIMR
Bit 6:
ICK3
Bit 5:
ICK2
Bit 4:
ICK1
Bit 3:
ICK0
Bit 2:
PSEL
Description
ICK3
ICK2
ICK1
ICK0
1
Pulse width: 3/16 of bit length set in bits ICK3 to
ICK0
Don’t
care
Don’t
care
Don’t
care
Don’t
care
0
Pulse width: 3/16 of bit length set in SCBRR
(Initial value)
Note: A fixed clock pulse signal, IRCLK, must be generated by multiplying the P
φ clock by 1/2 N +
2 (where N is determined by the value set in ICK3 to ICK0). For details, see section 14.3.6
Pulse Width Selection.
Bit 5—IrDA Receive Data Inverse (RIVS): Allows inversion of the receive data polarity to be
selected in IrDA communication.
Bit 5: RIVS
Description
0
Receive data polarity inverted in reception
(Initial value)
1
Receive data polarity not inverted in reception
Note: Make the selection according to the characteristics of the IrDA modulation/demodulation
module.
Bits 4 to 0—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com