Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 625 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 625 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 621Page - Renesas Technology Corp SH7616 Datasheet HTML 622Page - Renesas Technology Corp SH7616 Datasheet HTML 623Page - Renesas Technology Corp SH7616 Datasheet HTML 624Page - Renesas Technology Corp SH7616 Datasheet HTML 625Page - Renesas Technology Corp SH7616 Datasheet HTML 626Page - Renesas Technology Corp SH7616 Datasheet HTML 627Page - Renesas Technology Corp SH7616 Datasheet HTML 628Page - Renesas Technology Corp SH7616 Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 599 of 906
REJ09B0292-0200
In serial transmission, the SCIF operates as described below.
1. When data is written to the transmit FIFO data register (SCFTDR), the SCIF transfers the data
to the transmit shift register (SCTSR), and starts transmitting. Check that the TDFE flag is set
to 1 in the serial status 1 register (SC1SSR) before writing transmit data to SCFTDR. The
number of data bytes that can be written is at least {16 – (transmit trigger set number)}.
2. When data is transferred from SCFTDR to SCTSR and transmission is started, transmit
operations are performed continually until there is no transmit data left in SCFTDR. If the
number of data bytes in SCFTDR falls to or below the transmit trigger number set in the FIFO
control register (SCFCR) during transmission, the TDFE flag is set. If the TE bit setting in the
serial control register (SCSCR) is 1 at this time, a transmit-FIFO-data-empty interrupt (TXI) is
requested.
The serial transmit data is sent from the TxD pin in the following order.
a. Start bit: One 0-bit is output.
b. Transmit data: 8-bit or 7-bit data is output in LSB-first or MSB-first order according to the
setting of the TLM bit in SC2SSR.
c. Parity bit or multiprocessor bit: One parity bit (even or odd parity), or one multiprocessor
bit is output. (A format in which neither a parity bit nor a multiprocessor bit is output can
also be selected.)
d. Stop bit(s): One or two 1-bits (stop bits) are output.
e. Mark state: 1 is output continuously until the start bit that starts the next transmission is
sent.
3. The SCIF checks for transmit data in SCFTDR at the timing for sending the stop bit. If there is
data in SCFTDR, it is transferred to SCTSR, the stop bit is sent, and then serial transmission of
the next frame is started.
If there is no transmit data in SCFTDR, the TEND flag is set to 1 in the serial status 1 register
(SC1SSR), the stop bit is sent, and then the line goes to the mark state in which 1 is output
continuously.
Figure 14.6 shows an example of the operation for transmission in asynchronous mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com