Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 628 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 628 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 624Page - Renesas Technology Corp SH7616 Datasheet HTML 625Page - Renesas Technology Corp SH7616 Datasheet HTML 626Page - Renesas Technology Corp SH7616 Datasheet HTML 627Page - Renesas Technology Corp SH7616 Datasheet HTML 628Page - Renesas Technology Corp SH7616 Datasheet HTML 629Page - Renesas Technology Corp SH7616 Datasheet HTML 630Page - Renesas Technology Corp SH7616 Datasheet HTML 631Page - Renesas Technology Corp SH7616 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 602 of 906
REJ09B0292-0200
1. Whether a framing error or
parity error has occurred in the
receive data read from
SCFRDR can be ascertained
from the FER and PER bits in
SC1SSR.
2. When a break signal is
received, receive data is not
transferred to SCFRDR while
the BRK flag is set. However,
note that the H'00 break data
in which a framing error
occurred is stored as the last
data in SCFRDR.
Error handling
Overrun error handling
ORER = 1?
BRK = 1?
DR = 1?
FER = 1?
Framing error handling
PER = 1?
Parity error handling
All data read?
Clear ORER, BRK, DR, and
ER flags to 0
End
No
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Yes
Clear RE bit to 0 in SCSCR
Read receive data from SCFRDR
1
2
Figure 14.8 Sample Serial Reception Flowchart (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com