Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 631 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 631 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 627Page - Renesas Technology Corp SH7616 Datasheet HTML 628Page - Renesas Technology Corp SH7616 Datasheet HTML 629Page - Renesas Technology Corp SH7616 Datasheet HTML 630Page - Renesas Technology Corp SH7616 Datasheet HTML 631Page - Renesas Technology Corp SH7616 Datasheet HTML 632Page - Renesas Technology Corp SH7616 Datasheet HTML 633Page - Renesas Technology Corp SH7616 Datasheet HTML 634Page - Renesas Technology Corp SH7616 Datasheet HTML 635Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 605 of 906
REJ09B0292-0200
Serial
data
0
D0
D1
D2
D7
0/1
0
1
RTS
Start
bit
Parity
bit
Start
bit
Figure 14.10 Example of Operation Using Modem Control (
RTS
RTS
RTS
RTS)
14.3.3
Multiprocessor Communication Function
The multiprocessor communication function performs serial communication using a
multiprocessor format, in which a multiprocessor bit is added to the transfer data, in asynchronous
mode. Use of this function enables data transfer to be performed among a number of processors
sharing a serial communication line.
When multiprocessor communication is carried out, each receiving station is addressed by a
unique ID code.
The serial communication cycle consists of two cycles: an ID transmission cycle which specifies
the receiving station, and a data transmission cycle. The multiprocessor bit is used to differentiate
between the ID transmission cycle and the data transmission cycle.
The transmitting station first sends the ID of the receiving station with which it wants to perform
serial communication as data with a 1 multiprocessor bit added. It then sends transmit data as data
with a 0 multiprocessor bit added.
The receiving stations skip the data until data with a 1 multiprocessor bit is sent. When data with a
1 multiprocessor bit is received, each receiving stations compares that data with its own ID. The
station whose ID matches then receives the data sent next. Stations whose ID does not match
continue to skip the data until data with a 1 multiprocessor bit is again received. In this way, data
communication is carried out among a number of processors.
Figure 14.11 shows an example of inter-processor communication using a multiprocessor format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com