| Electronic Components Datasheet Search |
|
SH7616 Datasheet(PDF) 630 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 Datasheet(HTML) 630 Page - Renesas Technology Corp |
|
630 / 935 page ![]() Section 14 Serial Communication Interface with FIFO (SCIF) Rev. 2.00 Mar 09, 2006 page 604 of 906 REJ09B0292-0200 Table 14.11 Receive Error Conditions Receive Error Abbreviation Condition Data Transfer Overrun error ORER Next serial receive operation is completed while there are 16 receive data bytes in SCFRDR Receive data is not transferred from SCRSR to SCFRDR Framing error FER Stop bit is 0 Receive data is transferred from SCRSR to SCFRDR Parity error PER Received data parity differs from that (even or odd) set in SCSMR Receive data is transferred from SCRSR to SCFRDR Figure 14.9 shows an example of the operation for reception in asynchronous mode. Serial data 1 0 D0 D1 D7 0/1 1 0 D0 D1 D7 0/1 1 1 RDF FER Start bit Parity bit Stop bit Start bit Data Data Parity bit Stop bit Idle state (mark state) RXI interrupt request One frame Data read and RDF flag cleared to 0 by RXI interrupt handler ERI interrupt request due to framing error Figure 14.9 Example of SCIF Receive Operation (Example with 8-Bit Data, Parity, One Stop Bit, LSB-First Transfer) 5. When modem control is enabled, the RTS signal is output when SCFRDR is empty. When RTS is 0, reception is possible. When RTS is 1, this indicates that SCFRDR is full and reception is not possible. Figure 14.10 shows an example of the operation when modem control is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |