Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 633 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 629Page - Renesas Technology Corp SH7616 Datasheet HTML 630Page - Renesas Technology Corp SH7616 Datasheet HTML 631Page - Renesas Technology Corp SH7616 Datasheet HTML 632Page - Renesas Technology Corp SH7616 Datasheet HTML 633Page - Renesas Technology Corp SH7616 Datasheet HTML 634Page - Renesas Technology Corp SH7616 Datasheet HTML 635Page - Renesas Technology Corp SH7616 Datasheet HTML 636Page - Renesas Technology Corp SH7616 Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 607 of 906
REJ09B0292-0200
End of transmission
Read TDFE bit in SC1SSR
Write {16 – (transmit trigger set
number)} bytes of transmit data
to SCFTDR, and set MPBT
in SC2SSR
TDFE = 1?
End of transmission?
Read TEND bit in SC2SSR
TEND = 1?
Break output?
Clear DR to 0
Clear TE bit to 0 in SCSCR,
and set TxD pin as output
port with PFC
Start of transmission
Initialization
Yes
No
No
No
No
Yes
Yes
Yes
1
2
3
4
1. PFC initialization: Set the TxD pin, and
the SCK pin if necessary, with the PFC.
2. SCIF status check and transmit data
write: Read the serial status 1 register
(SC1SSR) and check that the TDFE bit
is set to 1, then write transmit data to
the transmit FIFO data register
(SCFTDR). Set the MPBT bit to 0 or 1
in SC1SSR. Finally, clear the TDFE
and TEND flags to 0 after reading 1
from them.
The number of data bytes that can be
written is {16 – (transmit trigger set
number)}.
3. Serial transmission continuation
procedure: To continue serial
transmission, read 1 from the TDFE bit
to confirm that writing is possible, then
write data to SCFTDR, and then clear
the TDFE bit to 0. (Checking and
clearing of the TDFE bit is automatic
when the DMAC is activated by a
transmit-FIFO-data-empty interrupt
(TXI) request, and data is written to
SCFTDR.)
4. Break output at the end of serial
transmission: To output a break in
serial transmission, clear the port data
register (DR) to 0, then clear the TE bit
to 0 in SCSCR, and set the TxD pin as
an output port with the PFC.
In steps 2 and 3, the number of transmit
data bytes that can be written can be
ascertained from the number of transmit
data bytes in SCFTDR indicated in the
upper 8 bits of the FIFO data count register
(SCFDR).
Clear TDFE and TEND flags to 0
Figure 14.12 Sample Multiprocessor Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com