Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 635 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 635 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 631Page - Renesas Technology Corp SH7616 Datasheet HTML 632Page - Renesas Technology Corp SH7616 Datasheet HTML 633Page - Renesas Technology Corp SH7616 Datasheet HTML 634Page - Renesas Technology Corp SH7616 Datasheet HTML 635Page - Renesas Technology Corp SH7616 Datasheet HTML 636Page - Renesas Technology Corp SH7616 Datasheet HTML 637Page - Renesas Technology Corp SH7616 Datasheet HTML 638Page - Renesas Technology Corp SH7616 Datasheet HTML 639Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 609 of 906
REJ09B0292-0200
Serial
data
1
0
D0
D1
D7
0/1
1
0
D0
D1
D7
0/1
1
1
TDFE
TEND
TXI interrupt
request
Start
bit
Data
Multi-
proces-
sor bit
Multi-
proces-
sor bit
Stop
bit
Start
bit
Stop
bit
Idle state
(mark state)
Data written to SCFTDR
and TDFE flag cleared
to 0 by TXI interrupt handler
TXI interrupt
request
One frame
Figure 14.13 Example of SCIF Transmit Operation
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit, LSB-First Transfer)
• Multiprocessor Serial Data Reception
Figure 14.14 shows a sample flowchart for multiprocessor serial reception.
Use the following procedure for multiprocessor serial data reception after enabling the SCIF
for reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com