Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 638 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 638 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 634Page - Renesas Technology Corp SH7616 Datasheet HTML 635Page - Renesas Technology Corp SH7616 Datasheet HTML 636Page - Renesas Technology Corp SH7616 Datasheet HTML 637Page - Renesas Technology Corp SH7616 Datasheet HTML 638Page - Renesas Technology Corp SH7616 Datasheet HTML 639Page - Renesas Technology Corp SH7616 Datasheet HTML 640Page - Renesas Technology Corp SH7616 Datasheet HTML 641Page - Renesas Technology Corp SH7616 Datasheet HTML 642Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 638 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 612 of 906
REJ09B0292-0200
Figure 14.15 shows an example of SCIF operation for multiprocessor format reception.
1
0
D0
D1
D7
1
1
0
D0
D1
D7
0
1
1
MPB
MPB
ID1
ID2
Data2
Serial
data
1
0
D0
D1
D7
1
1
0
D0
D1
D7
0
1
1
MPB
MPB
Idle state
(mark state)
MPIE
RDF
SCFRDR value
ID1
Start
bit
Data (ID1)
Stop
bit
Start
bit
Stop
bit
Data (Data1)
Serial
data
MPIE
RDF
SCFRDR value
Start
bit
Data (ID2)
Stop
bit
Start
bit
Stop
bit
Data (Data2)
Idle state
(mark state)
RXI interrupt request
(multiprocessor interrupt)
MPIE = 0
SCFRDR data read
and RDF flag cleared
to 0 by RXI interrupt
handler
As data is not this
station’s ID,
MPIE bit is set
to 1 again
RXI interrupt request
is not generated,
and SCFRDR
retains its state
RXI interrupt request
(multiprocessor interrupt)
MPIE = 0
SCFRDR data read
and RDF flag cleared
to 0 by RXI interrupt
handler
As data matches this
station’s ID, reception
continues and data is
received by RXI
interrupt handler
(a) Data does not match station’s ID
MPIE bit set
to 1 again
(b) Data matches station’s ID
Figure 14.15 Example of SCIF Receive Operation
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit, LSB-First Transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com