Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 641 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 641 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 637Page - Renesas Technology Corp SH7616 Datasheet HTML 638Page - Renesas Technology Corp SH7616 Datasheet HTML 639Page - Renesas Technology Corp SH7616 Datasheet HTML 640Page - Renesas Technology Corp SH7616 Datasheet HTML 641Page - Renesas Technology Corp SH7616 Datasheet HTML 642Page - Renesas Technology Corp SH7616 Datasheet HTML 643Page - Renesas Technology Corp SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 615 of 906
REJ09B0292-0200
Initialization
Clear TE and RE bits to 0
in SCSCR
Clear TFRST and RFRST bits
to 1 in SCFCR
Set RIE, TIE, MPIE, CKE1,
and CKE0 bits in SCSCR
(leaving TE and RE bits
cleared to 0)
Set data transmit/receive format
in SCSMR
Set RTRG1–0 bits and
TTRG1–0 bits in SCFCR,
and clear TFRST and
RFRST bits to 0
Set TE or RE bit to 1 in SCSCR,
and set RIE, TIE, and MPIE bits
Set value in SCBRR
1-bit interval elapsed?
End
1. Set the clock selection in SCSCR.
Be sure to clear bits RIE, TIE,
MPIE, TE, and RE to 0.
2. Set the transmit/receive format in
the serial mode register (SCSMR).
3. Write a value corresponding to the
bit rate into the bit rate register
(SCBRR). (Not necessary if an
external clock is used.)
4. Wait at least one bit interval, then
set the TE bit or RE bit to 1 in
SCSCR.
Also set the RIE, TIE, and MPIE
bits. Setting the TE and RE bits
simultaneously enables the TxD
and RxD pins to be used.
Yes
No
Wait
2
3
4
1
Figure 14.17 Sample SCIF Initialization Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com