Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 643 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 643 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 639Page - Renesas Technology Corp SH7616 Datasheet HTML 640Page - Renesas Technology Corp SH7616 Datasheet HTML 641Page - Renesas Technology Corp SH7616 Datasheet HTML 642Page - Renesas Technology Corp SH7616 Datasheet HTML 643Page - Renesas Technology Corp SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp SH7616 Datasheet HTML 646Page - Renesas Technology Corp SH7616 Datasheet HTML 647Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 617 of 906
REJ09B0292-0200
In serial transmission, the SCIF operates as described below.
1. When data is written to the transmit FIFO data register (SCFTDR), the SCIF transfers the data
from SCFTDR to the transmit shift register (SCTSR), and starts transmitting. Check that the
TDFE flag is set to 1 in the serial status 1 register (SC1SSR) before writing transmit data to
SCFTDR. The number of data bytes that can be written is at least {16 – (transmit trigger set
number)}.
2. When data is transferred from SCFTDR to SCTSR and transmission is started, transmit
operations are performed continually until there is no transmit data left in SCFTDR. If the
number of data bytes in SCFTDR falls to or below the transmit trigger number set in the FIFO
control register (SCFCR) during transmission, the TDFE flag is set. If the TIE bit setting in the
serial control register (SCSCR) is 1 at this time, a transmit-FIFO-data-empty interrupt (TXI) is
requested.
When clock output mode has been set, the SCIF outputs eight serial clock pulses for one unit
of data.
When use of an external clock has been specified, data is output in synchronization with the
input clock.
The serial transmit data is sent from the TxD pin starting with the LSB (bit 0) or MSB (bit 7)
according to the setting of the TLM bit in the serial status 2 register (SC2SSR).
3. The SCIF checks for transmit data in SCFTDR at the timing for sending the last bit. If there is
transmit data in SCFTDR, it is transferred to SCTSR and then serial transmission of the next
frame is started. If there is no transmit data in SCFTDR, the TEND flag is set to 1 in the serial
status 1 register (SC1SSR), the last bit is sent, and then the transmit data pin (TxD) holds its
state.
4. After completion of serial transmission, the SCK pin is fixed high.
Figure 14.19 shows an example of SCIF operation in transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com