Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 645 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 645 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 641Page - Renesas Technology Corp SH7616 Datasheet HTML 642Page - Renesas Technology Corp SH7616 Datasheet HTML 643Page - Renesas Technology Corp SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp SH7616 Datasheet HTML 646Page - Renesas Technology Corp SH7616 Datasheet HTML 647Page - Renesas Technology Corp SH7616 Datasheet HTML 648Page - Renesas Technology Corp SH7616 Datasheet HTML 649Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 645 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 619 of 906
REJ09B0292-0200
1. PFC initialization: Set the RxD pin,
and the SCK pin if necessary, with
the PFC.
2. Receive error handling: If a
receive error occurs, read the
ORER flag in SC2SSR, and after
performing the appropriate error
handling, clear the ORER flag to
0. Transmission/reception cannot
be resumed if the ORER flag is
set to 1.
3. SCIF status check and receive
data read: Read the serial status 1
register (SC1SSR) and check that
RDF = 1, then read receive data
from the receive FIFO data
register (SCFRDR) and clear the
RDF flag to 0. Transition of the
RDF flag from 0 to 1 can also be
identified by an RXI interrupt.
4. Serial reception continuation
procedure: To continue serial
reception, read at least the receive
trigger set number of data bytes
from SCFRDR, and write 0 to the
RDF flag after reading 1 from it.
The number of receive data bytes
in SCFRDR can be ascertained by
reading the lower 8 bits of the
FIFO data count register
(SCFDR). (The RDF bit is cleared
automatically when the DMAC is
activated by an RXI interrupt and
the SCFRDR value is read.)
Start of reception
Read ORER flag in SC2SSR
Initialization
Error handling
2
3
4
1
Read RDF flag in SC1SSR
RDF = 1?
Read receive data
from SCFRDR, and clear RDF
flag to 0 in SC1SSR
All data received?
Clear RE bit to 0 in SCSCR
End of reception
Yes
No
Yes
No
No
Yes
ORER = 1?
Figure 14.20 Sample Serial Reception Flowchart (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com