Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 648 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 648 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp SH7616 Datasheet HTML 646Page - Renesas Technology Corp SH7616 Datasheet HTML 647Page - Renesas Technology Corp SH7616 Datasheet HTML 648Page - Renesas Technology Corp SH7616 Datasheet HTML 649Page - Renesas Technology Corp SH7616 Datasheet HTML 650Page - Renesas Technology Corp SH7616 Datasheet HTML 651Page - Renesas Technology Corp SH7616 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 622 of 906
REJ09B0292-0200
1. PFC initialization: Set the TxD and
RxD pins, and the SCK pin if
necessary, with the PFC.
2. SCIF status check and transmit data
write: Read SC1SSR and check that
the TDFE flag is set to 1, then write
transmit data to SCFTDR and clear
the TDFE flag to 0. Transition of the
TDFE flag from 0 to 1 can also be
identified by a TXI interrupt.
3. Receive error handling: If a receive
error occurs, read the ORER flag in
SC2SSR, and after performing the
appropriate error handling, clear the
ORER flag to 0.
Transmission/reception cannot be
resumed if the ORER flag is set to 1.
4. SCIF status check and receive data
read: Read SC1SSR and check that
the RDF flag is set to 1, then read
receive data from SCFRDR and
clear the RDF flag to 0. Transition of
the RDF flag from 0 to 1 can also be
identified by an RXI interrupt.
5. Serial transmission/reception
continuation procedure: To continue
serial transmission/reception, finish
reading the RDF flag, reading
SCFRDR, and clearing the RDF flag
to 0, before the MSB (bit 7) of the
current frame is received. Also,
before the MSB (bit 7) of the current
frame is transmitted, read 1 from the
TDFE flag to confirm that writing is
possible, then write data to SCFTDR
and clear the TDFE flag to 0.
Note: When switching from transmitting
or receiving to simultaneous
transmitting and receiving, first
clear the TE bit and RE bit to 0,
then set the TE bit and RE bit to
1 simultaneously.
Read TDFE flag in SC1SSR
Initialization
1
2
4
5
3
Write transmit data
to SCFTDR and clear TDRE
flag to 0 in SC1SSR
Read ORER flag in SC2SSR
Read RDF flag in SC1SSR
Read receive data
from SCFRDR, and clear RDF
flag to 0 in SC1SSR
Clear TE and RE bits to 0
in SCSCR
Error handling
Start of transmission/
reception
TDFE = 1?
ORER = 1?
RDF = 1?
All data transferred?
End of transmission/
reception
Yes
No
Yes
No
No
Yes
Yes
No
Figure 14.22 Sample Flowchart for Serial Data Transmission and Reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com