Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 652 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 652 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 648Page - Renesas Technology Corp SH7616 Datasheet HTML 649Page - Renesas Technology Corp SH7616 Datasheet HTML 650Page - Renesas Technology Corp SH7616 Datasheet HTML 651Page - Renesas Technology Corp SH7616 Datasheet HTML 652Page - Renesas Technology Corp SH7616 Datasheet HTML 653Page - Renesas Technology Corp SH7616 Datasheet HTML 654Page - Renesas Technology Corp SH7616 Datasheet HTML 655Page - Renesas Technology Corp SH7616 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 626 of 906
REJ09B0292-0200
14.3.6
Operation in IrDA Mode
In IrDA mode, the waveform of TxD/RxD transmit/receive data is modified to comply with the
IrDA 1.0 infrared communication specification. This makes it possible to carry out infrared
transmission and reception conforming to the IrDA 1.0 standard by connecting an infrared
transmission/reception transceiver/receiver.
In the IrDA 1.0 specification, communication is initially executed at 9600 bps, and then the
transfer rate can be changed as required. However, the communication speed is not changed
automatically in this module. When executing communication, therefore, it is necessary to check
the communication speed and have the appropriate speed set in this module by software.
Note: In IrDA mode, reception is not possible when the TE bit is set to 1 (enabling
communication) in the serial control register (SCSCR). When performing reception, the
TE bit in SCSCR must be cleared to 0.
Transmission: In the case of a serial output signal (UART frame) from the SCIF, the waveform is
corrected and the signal is converted to an IR frame serial output signal by the IrDA module as
shown in figure 14.24.
When the serial data is 0, if the PSEL bit is 0 in the IrDA mode register (SCIMR) a pulse of 3/16
the IR frame bit width is generated and output, and if the PSEL bit is 1 a pulse of 3/16 the bit
width of the bit rate set in bits ICK3 to 0 in the serial mode register (SCSMR) is generated and
output. When the serial data is 1, a pulse is not output.
An infrared LED is driven by a signal demodulated to a 3/16 width.
Reception: Pulses of 3/16 the received IR frame bit width are converted to UART frames after
demodulation as shown in figure 14.24.
Demodulation to 0 is executed for pulse output and demodulation to 1 when there is no pulse
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com