Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 650Page - Renesas Technology Corp SH7616 Datasheet HTML 651Page - Renesas Technology Corp SH7616 Datasheet HTML 652Page - Renesas Technology Corp SH7616 Datasheet HTML 653Page - Renesas Technology Corp SH7616 Datasheet HTML 654Page - Renesas Technology Corp SH7616 Datasheet HTML 655Page - Renesas Technology Corp SH7616 Datasheet HTML 656Page - Renesas Technology Corp SH7616 Datasheet HTML 657Page - Renesas Technology Corp SH7616 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 628 of 906
REJ09B0292-0200
The minimum IR frame pulse width must be 3/16 of the 115.2 kbps bit rate (= 1.63 µsec). With
this minimum pulse width, IRCLK = 921.6 kHz, and so the setting for bits ICK3 to ICK0 to give
the minimum settable pulse width is given by the following equation.
N
≥
2
× IRCLK
– 1
P
φ
P
φ:
Operating clock frequency
IRCLK: 921.6 kHz (fixed)
N:
Set value of ICK3 to ICK0 (0
≤ N ≤ 15)
For example, when P
φ = 20 MHz, N = 10.
Table 14.12 shows the settings of bits ICK3 to ICK0 that can be used to obtain the minimum pulse
width for various operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com