Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 656 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 656 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 652Page - Renesas Technology Corp SH7616 Datasheet HTML 653Page - Renesas Technology Corp SH7616 Datasheet HTML 654Page - Renesas Technology Corp SH7616 Datasheet HTML 655Page - Renesas Technology Corp SH7616 Datasheet HTML 656Page - Renesas Technology Corp SH7616 Datasheet HTML 657Page - Renesas Technology Corp SH7616 Datasheet HTML 658Page - Renesas Technology Corp SH7616 Datasheet HTML 659Page - Renesas Technology Corp SH7616 Datasheet HTML 660Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 656 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 630 of 906
REJ09B0292-0200
14.4
SCIF Interrupt Sources and the DMAC
The SCIF has four interrupt sources: the break interrupt (BRI) request, receive-error interrupt
(ERI) request, receive-FIFO-data-full interrupt (RXI) request, and transmit-FIFO-data-empty
interrupt (TXI) request.
Table 14.13 shows the interrupt sources and their relative priorities. The interrupt sources can be
enabled or disabled with the TIE or RIE bit in SCSCR. Each kind of interrupt request is sent to the
interrupt controller independently.
When the TDFE flag is set to 1 in the serial status 1 register (SC1SSR), a TXI interrupt is
requested. A TXI interrupt request can activate the DMAC to perform data transfer. The TDFE bit
is cleared to 0 automatically when all writes to the transmit FIFO data register (SCFTDR) by the
DMAC are completed.
When the RDF flag is set to 1 in SC1SSR, an RXI interrupt is requested. An RXI interrupt request
can activate the DMAC to perform data transfer. The RDF bit is cleared to 0 automatically when
all receive FIFO data register (SCFRDR) reads by the DMAC are completed.
When the ER flag is set to 1, an ERI interrupt is requested. The DMAC cannot be activated by an
ERI interrupt request.
When the BRK flag is set to 1, a BRI interrupt is requested. The DMAC cannot be activated by a
BRI interrupt request.
A TXI interrupt indicates that transmit data can be written, and an RXI interrupt indicates that
there is receive data in SCFRDR.
Table 14.13 SCIF Interrupt Sources
Interrupt Source
Description
DMAC
Activation
Priority on
Reset Release
ERI
Receive error (ER)
Not possible
High
RXI
Receive data full (RDF) or data ready (DR)
Possible
(RDF only)
↑
BRI
Break (BRK)
Not possible
↓
TXI
Transmit data FIFO empty (TDFE)
Possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com