Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 660 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 660 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 656Page - Renesas Technology Corp SH7616 Datasheet HTML 657Page - Renesas Technology Corp SH7616 Datasheet HTML 658Page - Renesas Technology Corp SH7616 Datasheet HTML 659Page - Renesas Technology Corp SH7616 Datasheet HTML 660Page - Renesas Technology Corp SH7616 Datasheet HTML 661Page - Renesas Technology Corp SH7616 Datasheet HTML 662Page - Renesas Technology Corp SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 660 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 634 of 906
REJ09B0292-0200
• In reception, note that if RE is cleared to 0 from 2.3 to 3.5 peripheral operating clock cycles
after the rising edge of the RxD D7 bit SCK input, RDF will be set to 1 but copying to
SCFRDR will not be possible.
When Using Synchronous Internal Clock Mode: In reception, note that if RE is cleared to zero
1.5 peripheral operating clock cycles after the rising edge of the RxD D7 bit SCK output, RDF
will be set to 1 but copying to SCFRDR will not be possible.
When Using the DMAC: When an external clock source is used as the serial clock, the transmit
clock should not be input until at least 5 P
φ clock cycles after SCFTDR is updated by the DMAC.
Incorrect operation may result if the transmit clock is input within 4 P
φ cycles after SCFTDR is
updated. (See figure 14.26.)
When performing SCFRDR reads by the DMAC, be sure to set the relevant SCIF receive-FIFO-
data-full interrupt (RXI) as an activation source.
SCK
TDFE
TXD
D0
D1
D2
D3
D4
D5
D6
t
Figure 14.26 Example of Synchronous Transmission by DMAC
SCFRDR Reading and the RDF Flag: The RDF flag in the serial status 1 register (SC1SSR) is
set when the number of receive data bytes in the receive FIFO data register (SCFRDR) has
become equal to or greater than the receive trigger number set by bits RTRG1 and RTRG0 in the
FIFO control register (SCFCR). After RDF is set, receive data equivalent to the trigger number
can be read from SCFRDR, allowing efficient continuous reception.
However, if the number of data bytes in SCFRDR is equal to or greater than the trigger number,
the RDF flag will be set to 1 again if it is cleared to 0. RDF should therefore be cleared to 0 after
being read as 1 after receive data has been read to reduce the number of data bytes in SCFRDR to
less than the trigger number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com