Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 660Page - Renesas Technology Corp SH7616 Datasheet HTML 661Page - Renesas Technology Corp SH7616 Datasheet HTML 662Page - Renesas Technology Corp SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 638 of 906
REJ09B0292-0200
16bits
SIRCDR
SISTR
SICTR
SIRDR
SIFCR
SIFDR
STCK
SRCK
SRXD
SIRDR:
SIRCDR:
SIRSR:
SITDR:
SITCDR:
SIRSR
STXD
SRS STS
MSB/LSB
Conversion circuit
SITCDR
SITDR
SITSR
selector
MSB/LSB
Conversion circuit
Peripheral bus
Receive data register
Receive control data register
Receive shift register
Transmit data register
Transmit control data register
SITSR:
SISTR:
SICTR:
SIFCR:
SIFDR:
Transmit shift register
Serial status register
Serial control register
FIFO control register
FIFO data count register
Bit counter
I/O control unit
Serial I/O with
FIFO module (SIOF)
Figure 15.1 SIOF Block Diagram
Table 15.1 shows the functions of the external pins.
Table 15.1 Serial I/O with FIFO (SIOF) External Pins
Name
Pin
I/O
Function
Serial receive data input pin
SRxD0
Input
Serial data input port
Serial receive clock input pin
SRCK0
Input
Serial receive clock port
Serial reception synchronization
input pin
SRS0
Input
Serial reception synchronization input
port
Serial transmit data output pin
STxD0
Output
Serial data output port
Serial transmit clock input pin
STCK0
Input
Serial transmit clock port
Serial transmission synchronization
input/output pin
STS0
I/O
Serial transmission synchronization
input/output port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com