Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 663 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 663 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 659Page - Renesas Technology Corp SH7616 Datasheet HTML 660Page - Renesas Technology Corp SH7616 Datasheet HTML 661Page - Renesas Technology Corp SH7616 Datasheet HTML 662Page - Renesas Technology Corp SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 663 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 637 of 906
REJ09B0292-0200
Section 15 Serial I/O with FIFO (SIOF)
15.1
Overview
The serial I/O with FIFO functions mainly as an interface between the chip and a codec or modem
analog front-end.
15.1.1
Features
The serial I/O has the following features:
• Full-duplex operation
Independent transmit/receive registers and independent transmit/receive clocks
• Primary data transmit/receive FIFO/Double-buffered transmit/receive ports
Continuous data transmission/reception possible
• Interval transfer mode and continuous transfer mode
• Memory-mapped receive data register, transmit data register, serial control register, and serial
status register, receive control data register, transmit control data register, FIFO control
register, FIFO data count register
With the exception of SIRSR and SITSR, these registers are memory-mapped and can be
accessed by a MOV instruction.
• Choice of 8- or 16-bit data length
• Data transfer communication by means of polling or interrupts
Data transfer can be monitored by polling the receive data register full flag (RDRF), the
receive data register empty flag (RDRE), the receive control data register full flag (RCD), and
the transmit control data register empty flag (TCD). Interrupt requests can be generated during
data transfer by setting the receive interrupt request flag and the transmit interrupt request flag.
• Either MSB-first or LSB transfer can be selected for data I/O operations.
Figure 15.1 shows a block diagram of the serial I/O with FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com