Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 667 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 667 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 667 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 641 of 906
REJ09B0292-0200
15.2.3
Transmit Shift Register (SITSR)
Bit:
15
14
13
...
3210
...
Initial value:
———
...
————
R/W:
———
...
————
SITSR is a 16-bit register used to transmit serial data. The contents of this register are shifted in
MSB-first or LSB-first order, based on the LM bit in SIFCR, in synchronization with the rising
edge of the serial transmit clock (STCK), and output from the serial transmit data STXD pin. The
transfer data length is set by the DL bit in SICTR. The transmit mode bit (TRMD) in SIFCR
controls the LSB of the transmitted primary data or control data.
When the TRMD bit is cleared to 0 and the DL bit is cleared to 0 (8-bit data length), the lower 8
bits in the transmit data register (SITDR) are output. When the DL bit is set to 1 (16-bit data
length), all 16 bits in SITDR are output.
Setting the TRMD bit to 1 causes the LSB of the primary data to be output as 0. Performing write
access to the transmit control data register (SITCDR) in this case, if the DL bit is cleared to 0,
causes the lower 8 bits in SITDR to be output, with the LSB as 1, after which the lower 8 bits in
SITCDR are output. If the DL bit is set to 1, all 16 bits in SITDR are output, with the LSB as 1,
after which all 16 bits in SITCDR are output.
When transmit primary data with a value less than or equal to the transmit FIFO watermark bits
(TFWM3 to TFWM0) in SIFCR is transferred from SITDR to SITSR, the transmit data register
empty flag (TDRE) is set in SISTR. If output of the next primary data begins when the amount of
transmit primary data in SITDR is 0, an underrun error occurs, the transmit underrun error flag
(TERR) in SISTR is set, and an error interrupt request is sent to the INTC.
15.2.4
Transmit Data Register (SITDR)
Bit:
15
14
13
...
3210
...
Initial value:
000
...
0000
R/W:
WWW
...
WWWW
SITDR is a 16-bit x 16-stage FIFO register that stores primary transmit data. Data should be
written to SITDR when the transmit data register empty flag (TDRE) is set to 1 in SISTR. If data
is written to SITDR when TDRE is 0, a SITDR overflow may occur. When transmit primary data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com