Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 671 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 671 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 671 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 645 of 906
REJ09B0292-0200
Bit 1—Enables data transmission. When this flag is cleared, the STXD pin goes to the high-
impedance state. When TM is set to 1, the STS pin also goes to the high-impedance state.
Bit 1: TE
Description
0
Transmission disabled: STxD pin goes to high-impedance state (Initial value)
When TM is set to 1, STS pin goes to high-impedance state
1
Transmission enabled
Bit 0—Receive Enable (RE): Enables data reception.
Bit 0: RE
Description
0
Reception disabled
(Initial value)
1
Reception enabled
15.2.6
Serial Status Register (SISTR)
Bit:
15
14
...
9
8
...
4
3
2
1
0
—
—
...
TCD
RCD
...
—
TERR RERR TDRE RDRF
Initial value:
0
0
...
1
0
...
0
0
0
1
0
R/W:
R
R
... R/(W)* R/(W)* ...
R
R/(W)* R/(W)* R/(W)* R/(W)*
Note: * Only 0 should be written, to clear the flag.
SISTR is a 16-bit register that indicates the status of the serial I/O module. SISTR is initialized to
H'0002 by a reset. When the TFRST bit in SIFCR is set to 1, the TERR and TDRE bits are also
initialized. When the RFRST bit in SIFCR is set to 1, the RERR and RDRF bits are also
initialized.
Bits 15 to 4—Reserved: These bits are always read as 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com