Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 674 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 674 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp SH7616 Datasheet HTML 678Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 674 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 648 of 906
REJ09B0292-0200
Bit 0—Receive Data Register Full (RDRF): Flag that indicates that SIRDR receive data is waiting.
Bit 0: RDRF
Description
0
Indicates that the amount of primary receive data in SIRDR is less than the
receive FIFO watermark setting
(Initial value)
RDRF is cleared to 0 in the following cases:
• When the received primary data in SIRDR has been read to the point that
the amount of remaining data is less than the receive FIFO watermark
setting and 0 is written to RDRF after reading RDRF = 1
• When the DMAC has read the received primary data in SIRDR to the
point that the amount of remaining data is less than the receive FIFO
watermark setting
• When the RFRST bit in SIFCR is set to 1
• When the processor is reset
1
Indicates that the amount of primary receive data in SIRDR is greater than or
equal to the receive FIFO watermark setting
RDRF is set to 1 in the following cases:
• When the received primary data stored in SIRDR is greater than or equal
to the receive FIFO watermark setting
15.2.7
Receive Control Data Register (SIRCDR)
Bit: 15 14 13 12 11 10
9876543210
Initial value:
0000000000000000
R/W:
RRRRRRRRRRRRRRRR
SIRCDR is a register that stores receive control data. Received data is stored in SIRCDR as
receive control data, synchronized with the timing used for transmission of transmit control data
from SITCDR.
The RCD bit in SISTR is set at the same time as control data is being transferred from SIRSR to
SIRCDR. When the RCIE pin in SICTR is set, a receive-control-data-full interrupt request (RDFI)
is sent to the INTC. No interrupt request signal is issued if the flag is cleared.
SIRCDR is initialized to H'0000 by a reset.
If the DL bit is cleared to 0 (data length 8 bits), the received control data is fetched to the lower 8
bits, and the upper 8 bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com