Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 677 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 677 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp SH7616 Datasheet HTML 678Page - Renesas Technology Corp SH7616 Datasheet HTML 679Page - Renesas Technology Corp SH7616 Datasheet HTML 680Page - Renesas Technology Corp SH7616 Datasheet HTML 681Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 677 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 651 of 906
REJ09B0292-0200
Bit 8—Transmit FIFO Data Register Reset (TFRST): Invalidates the transmit data in SITDR and
resets it to empty status. Also initializes the TERR and TDRE bits in SISTR.
Note that SICTR is not initialized, so transmitting continues if the TE bit is set to 1.
Bit 8: TFRST
Description
0
Reset disabled
(Initial value)
1
Reset enabled
Note: Reset status persists while this bit is set to 1. Clear this bit to 0 to cancel reset status.
Bit 7 to 4—Receive FIFO Watermark (RFWM3 to RFWM0): These bits are used to make
threshold settings, which are used to set the RDRF bit in SISTR.
When the amount of primary receive data in SIRDR is equal to or greater than the watermark
setting, as shown in the table below, the RDRF bit is set to 1.
Bit 7: RFWM3
Bit 6: RFWM2
Bit 5: RFWM1
Bit 4: RFWM0
Watermark setting
00001
(Initial value)
12
103
14
1005
16
107
18
10009
110
1011
112
10013
114
1015
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com