Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp SH7616 Datasheet HTML 678Page - Renesas Technology Corp SH7616 Datasheet HTML 679Page - Renesas Technology Corp SH7616 Datasheet HTML 680Page - Renesas Technology Corp SH7616 Datasheet HTML 681Page - Renesas Technology Corp SH7616 Datasheet HTML 682Page - Renesas Technology Corp SH7616 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 653 of 906
REJ09B0292-0200
15.2.10 FIFO Data Count Register (SIFDR)
Bit: 15 14 13 12 11 10
9876543210
 R4 R3 R2 R1 R0  T4 T3 T2 T1 T0
Initial value:
0000000000000000
R/W:
RRRRRRRRRRRRRRRR
SIFDR is a register that indicates the amount of primary data stored in SIRDR and SITDR.
The upper 8 bits indicate the amount of primary receive data stored in SIRDR, and the lower 8 bits
indicate the amount of primary transmit data stored in SITDR.
SIFDR is initialized to H'0000 by a reset. Also, it can be initialized to H'0000 by setting bits
RFRST and TFRST of SIFCR to 1.
Bit 15 to 13—Reserved: These bits are always read as 0.
Bit 12 to 8—Receive Data Register Data Count Bits 4 to 0 (R4 to R0): These bits indicate the
amount of primary receive data stored in SIRDR.
When the value of bits R4 to R0 is H'00 there is no primary receive data stored in SIRDR, and
when the value is H'10 SIRDR is full. In addition to the initialized status mentioned above, bits R4
to R0 can be cleared to H'00 by reading all the primary receive data from SIRDR.
Bit 7 to 5—Reserved: These bits are always read as 0.
Bit 4 to 0—Transmit Data Register Data Count Bits 4 to 0 (T4 to T0): These bits indicate the
amount of untransmitted primary data stored in SITDR.
When the value of bits T4 to T0 is H'00 there is no primary transmit data waiting to be
transmitted, and when the value is H'10 SITDR is full. In addition to the initialized status
mentioned above, bits T4 to T0 can be cleared to H'00 by transmitting all the primary transmit
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com