Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 675 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 675 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp SH7616 Datasheet HTML 678Page - Renesas Technology Corp SH7616 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 649 of 906
REJ09B0292-0200
15.2.8
Transmit Control Data Register (SITCDR)
Bit: 15 14 13 12 11 10
9876543210
Initial value:
0000000000000000
R/W: R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
SITCDR is a register that stores transmit control data.
Data should be written to SITCDR when the TCD bit is set to 1 in SISTR (SITCDR transmit data
invalid). If data is written to SITCDR when TCD in SISTR is cleared to 0, the previous data will
be overwritten. After writing transmit control data to SITCDR, 1 should be read from TCD in
SISTR and then 0 written to it. This makes the transmit data in SITCDR valid and causes the
transmit control data to be transmitted.
After TRMD in SIFCR is set to 1 transmission starts, a read interrupt is issued to SITCDR. STS
goes high and primary data bit 0 is transmitted as 1. When STS next goes high the control data
stored in SITCDR is transferred to SITSR. If the TCD bit is 0 at this point, and TCD bit is set to 1.
After this the control data previously transferred from SITCDR to SITSR is transmitted.
If the TRMD bit is cleared to 0, no control data is transmitted even if data is written to SITCDR.
If the TCD bit in SISTR is set to 1 and the TCIE bit in SICTR is set to 1, a transmit-control-data-
empty interrupt (TDEI0) request is sent to the INTC. If the flag is cleared, this interrupt request is
not generated.
The TCD bit in SISTR is set only by hardware.
SITCDR is initialized to H'0000 by a reset.
15.2.9
FIFO Control Register (SIFCR)
Bit: 15 14 13 12 11
10
9
8
7
6
5
4
3
2
1
0
    TRMD LM RFR
ST
TFR
ST
RFWM
3
RFWM
2
RFWM
1
RFWM
0
TFWM
3
TFWM
2
TFWM
1
TFWM
0
Initial value: 0 0 0 0
0
0
0
0
000
000
00
R/W: R R R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
SIFCR is a register used to perform software resets and to make threshold settings for SIRDR and
SITDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com