Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 673 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 673 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 673 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 647 of 906
REJ09B0292-0200
Bit 2—Receive Overrun Error (RERR): Flag that indicates the occurrence of a receive overrun.
Bit 2: RERR
Description
0
Reception is in progress, or has ended normally
(Initial value)
[Clearing conditions]
• When 0 is written to the RERR bit after reading RERR = 1
• When the RFRST bit in SIFCR is set to 1
• When the processor enters the reset state
1
A receive overrun error has occurred
RERR is set to 1 in the following cases:
• When the amount of primary receive data in SIRDR is 16 and the next
primary data receive operation completes
Bit 1—Transmit Data Register Empty (TDRE): Flag that indicates that primary data has been
transferred from SITDR to SITSR and the amount of data inside SITDR is less than or equal to the
setting of TFWM3 to TFWM0 in SIFCR.
Bit 1: TDRE
Description
0
Indicates that primary send data exceeding the transmit FIFO watermark
setting has been written to SITDR
TDRE is cleared to 0 in the following cases:
• When primary send data exceeding the setting of the transmit FIFO
watermark bits has been written to SITDR and 0 is written to TDRE after
reading TDRE = 1
• When the DMAC has written primary send data exceeding the setting of
the transmit FIFO watermark bits to SITDR
1
Indicates that the amount of primary send data in SITDR is less than or equal
to the transmit FIFO watermark setting
(Initial value)
TDRE is set to 1 in the following cases:
• When the amount of primary send data in SITDR is less than or equal to
the transmit FIFO watermark setting
• When the TFRST bit in SIFCR is set to 1
• When the processor is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com