Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 670 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 670 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 670 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 644 of 906
REJ09B0292-0200
Bit 5—Synchronization Signal Enable (SE): Specifies whether the synchronization signals are to
be used for all serial data transfers, or only for the first transfer.
When this bit is cleared to 0, the synchronization signals (SRS and STS) are necessary only for the
first data transfer, and are not required for subsequent transfers. When this bit is set to 1, the
synchronization signals are necessary for all data transfers.
Bit 5: SE
Description
0
Continuous mode: SRS and STS are used only for the first data transfer
(Initial value)
1
Interval mode: SRS and STS are used for all data transfers
Note: If TRMD in SIFCR is set to 1, this bit must be cleared to 1.
When TM is cleared to 0 and SE is cleared to 0, after data is input SRS/STS once nothing
further should be input to SRS/STS between the start and completion of
transmission/receiving (transmit FIFO empty/receive FIFO full).
Bit 4—Transmit/Receive Data Length Select (DL): Specifies the serial I/O module’s transfer data
length. The initial value of this bit is 0, indicating an 8-bit data length. When an 8-bit data length is
specified, the lower 8 bits in the receive shift register, receive data register, transmit shift register,
transmit data register, receive control data register, and transmit control data register are used.
Bit 4: DL
Description
0
8-bit transfer data length
(Initial value)
1
16-bit transfer data length
Bit 3—Transmit Interrupt Enable (TIE): Enables the transmit-data-empty interrupt. The initial
value of this bit is 0.
Bit 3: TIE
Description
0
Transmit interrupt disabled
(Initial value)
1
Transmit interrupt enabled
Bit 2—Receive Interrupt Enable (RIE): Enables the receive-data-full interrupt. The initial value of
this bit is 0.
Bit 2: RIE
Description
0
Receive interrupt disabled
(Initial value)
1
Receive interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com