Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 642 of 906
REJ09B0292-0200
with a value less than or equal to the setting of TFWM3 to TFWM0 in SIFCR is transferred from
SITDR to SITSR, TDRE is set in SISTR. If at this point the transmit interrupt enable flag (TIE) is
set, a transmit-data-empty interrupt (TDEI) request is sent to the INTC and DMAC. If TIE is
cleared, this interrupt request is not generated. When the DMAC writes to SITDR data with a
value greater than the setting of TFWM3 to TFWM0 in SIFCR, the TDRE flag is cleared
automatically. The TDRE flag is set only by hardware.
When SITDR is reset, its status is empty. The status of SITDR is also empty when the value of the
transmit FIFO data registry reset bit (TFRST) in SITDR is 1.
Note: Do not write to SITDR when it is full of primary transmit data (when the value of the
transmit data register data count bits 4 to 0 (T4 to T0) in SIFDR is 10000).
Data should be written to SITDR in the size specified by the setting of the DL bit in
SICTR. Always set the TE bit to 1 before writing to this register.
15.2.5
Serial Control Register (SICTR)
Bit:
15
14
13
12
11
10
9
8
—————
DMACE
TCIE
RCIE
Initial value:
00000000
R/W:
RRRRR
R/W
R/W
R/W
Bit:
76543210
—TM
SE
DL
TIE
RIE
TE
RE
Initial value:
00000000
R/W:
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SICTR is a 16-bit register used to set parameters for serial port control. SICTR is initialized to
H'0000 by a reset.
When modifying bit 4, 5, 6,or 10 (DMACE, TM, SE, or DL), TE and RE (bit 1, 0) should be
cleared to 0 beforehand.
Bits 15 to 11—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 10—DMAC Activation Enable (DMACE): Specifies whether the DMAC is activated by
interrupts triggered by the RDRF and TDRE bits in SISTR.
Set this bit to 1 if SIRCDR and SITCDR are used. This will cause interrupts triggered by the
RDRF and TDRE bits in SISTR to be processed by the DMAC and interrupts triggered by the
RCD and TCD bits in SISTR to be processed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com