Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 665 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 665 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 661Page - Renesas Technology Corp SH7616 Datasheet HTML 662Page - Renesas Technology Corp SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 665 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 639 of 906
REJ09B0292-0200
15.2
Register Configuration
Table 15.2 shows the SIOF’s registers.
Table 15.2 Register Configuration
Register
Abbreviation
R/W
Initial
Value
Address
Access Size (Bits)
Receive shift register
SIRSR0
—
—
—
—
Receive data register
SIRDR0
R
Not
specified
H'FFFFFC00
8, 16, 32
Transmit shift register
SITSR0
—
—
—
—
Transmit data register
SITDR0
R/W
H'0000
H'FFFFFC02
8, 16, 32
Serial control register
SICTR0
R/W
H'0000
H'FFFFFC04
8, 16, 32
Serial status register
SISTR0
R/(W)*
H'0002
H'FFFFFC06
8, 16, 32
Receive control data
register
SIRCDR
R
H'0000
H'FFFFFC0C
8, 16, 32
Transmit control data
register
SITCDR
R/W
H'0000
H'FFFFFC0E
8, 16, 32
FIFO control register
SIFCR
R/W
H'0000
H'FFFFFC08
8, 16, 32
FIFO data count register SIFDR
R
H'0000
H'FFFFFC0A
8, 16, 32
Note: * Only 0 should be written, to clear flags (after reading 1 from the flag).
15.2.1
Receive Shift Register (SIRSR)
Bit:
15
14
13
...
3210
...
Initial value:
———
...
————
R/W:
———
...
————
SIRSR is a 16-bit register used to receive serial data. The data is fetched in MSB first from the
SRxD pin in synchronization with the fall of the serial receive clock (SRCK), and is shifted into
SIRSR. The data length is set by the transmit/receive data length select bit (DL) in the
corresponding serial control register (SICTR). If the DL bit is cleared to 0 (data length 8 bits), the
receive data is fetched to the lower 8 bits, and the upper 8 bits are cleared to 0. When data transfer
to SIRSR is completed, the data contents are automatically transferred to the receive data register
(SIRDR), and the receive data register full flag (RDRF) is set in the serial status register (SISTR),
based on the settings of the receive FIFO watermark bits (RFWM3 to RFWM0) in SIFCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com