Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 657Page - Renesas Technology Corp SH7616 Datasheet HTML 658Page - Renesas Technology Corp SH7616 Datasheet HTML 659Page - Renesas Technology Corp SH7616 Datasheet HTML 660Page - Renesas Technology Corp SH7616 Datasheet HTML 661Page - Renesas Technology Corp SH7616 Datasheet HTML 662Page - Renesas Technology Corp SH7616 Datasheet HTML 663Page - Renesas Technology Corp SH7616 Datasheet HTML 664Page - Renesas Technology Corp SH7616 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 635 of 906
REJ09B0292-0200
The number of receive data bytes in SCFRDR can be found from the lower 8 bits of the FIFO data
count register (SCFDR).
SCFRDR Reading when Overrun Occurs: If a receive operation is continued despite the fact
that the receive FIFO data register (SCFRDR) contains 16 bytes of data, overrun will occur.
If SCFRDR is read in this state, the data that caused the overrun is read in the 17th read. The value
returned in the 18th and subsequent reads will be undefined.
Also note that, from the first SCFRDR read onward, the number of receive data bytes in SCFRDR
indicated by the lower 8 bits of the FIFO data count register (SCFDR) is one more than the actual
number of receive data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com