Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 657 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 657 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 653Page - Renesas Technology Corp SH7616 Datasheet HTML 654Page - Renesas Technology Corp SH7616 Datasheet HTML 655Page - Renesas Technology Corp SH7616 Datasheet HTML 656Page - Renesas Technology Corp SH7616 Datasheet HTML 657Page - Renesas Technology Corp SH7616 Datasheet HTML 658Page - Renesas Technology Corp SH7616 Datasheet HTML 659Page - Renesas Technology Corp SH7616 Datasheet HTML 660Page - Renesas Technology Corp SH7616 Datasheet HTML 661Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 657 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 631 of 906
REJ09B0292-0200
14.5
Usage Notes
The following points should be noted when using the SCIF.
SCFTDR Writing and the TDFE Flag: The TDFE flag in the serial status 1 register (SC1SSR)
is set when the number of transmit data bytes written in the transmit FIFO data register (SCFTDR)
has fallen to or below the transmit trigger number set by bits TTRG1 and TTRG0 in the FIFO
control register (SCFCR). After TDFE is set, transmit data up to the number of empty bytes in
SCFTDR can be written, allowing efficient continuous transmission.
However, if the number of data bytes written in SCFTDR is equal to or less than the transmit
trigger number, the TDFE flag will be set to 1 again after being read as 1 and cleared to 0. TDFE
clearing should therefore be carried out when SCFTDR contains more than the transmit trigger
number of transmit data bytes.
The number of transmit data bytes in SCFTDR can be found from the upper 8 bits of the FIFO
data count register (SCFDR).
Simultaneous Multiple Receive Errors: If a number of receive errors occur at the same time, the
state of the status flags in SC1SSR and SC2SSR is as shown in table 14.14. If there is an overrun
error, data is not transferred from the receive shift register (SCRSR) to the receive FIFO data
register (SCFRDR), and the receive data is lost.
Table 14.14 SC1SSR/SC2SSR Status Flags and Transfer of Receive Data
SC1SSR/SC2SSR Status Flags
Receive Data Transfer
Receive Errors
RDF
ORER
FER
PER
SCRSR
→
→
→
→ SCFRDR
Overrun error
1
1
0
0
×
Framing error
0
0
1
0
O
Parity error
0
0
0
1
O
Overrun error + framing error
1
1
1
0
×
Overrun error + parity error
1
1
0
1
×
Framing error + parity error
0
0
1
1
O
Overrun error + framing error +
parity error
111
1
×
Notes: O: Receive data is transferred from SCRSR to SCFRDR.
× : Receive data is not transferred from SCRSR to SCFRDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com