Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 653 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 653 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 649Page - Renesas Technology Corp SH7616 Datasheet HTML 650Page - Renesas Technology Corp SH7616 Datasheet HTML 651Page - Renesas Technology Corp SH7616 Datasheet HTML 652Page - Renesas Technology Corp SH7616 Datasheet HTML 653Page - Renesas Technology Corp SH7616 Datasheet HTML 654Page - Renesas Technology Corp SH7616 Datasheet HTML 655Page - Renesas Technology Corp SH7616 Datasheet HTML 656Page - Renesas Technology Corp SH7616 Datasheet HTML 657Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 627 of 906
REJ09B0292-0200
010100
1101
UART frame
Data
Start bit
Transmission
Reception
Stop bit
0
1
0
1
00
11
0
1
IR frame
Data
Start bit
Bit cycle
Stop bit
3/16 bit cycle
pulse width
Figure 14.24 IrDA Mode Transmit/Receive Operations
Pulse Width Selection: In transmission, the IR frame pulse width can be selected as either 3/16 of
the transmission bit rate or a smaller pulse width by means of the PSEL bit in the IrDA mode
register (SCIMR).
The SCIF includes a baud rate generator that generates the transmit frame bit rate and a baud rate
generator that generates the IRCLK signal for varying the pulse width.
When the PSEL bit is cleared to 0 in SCIMR, a width of 3/16 the bit rate set in the bit rate register
(SCBRR) is output as the IR frame pulse width. As the pulse width is the direct infrared emission
time; if the user wishes to minimize the pulse width in order to reduce power consumption, the
PSEL bit should be set to 1 in SCIMR and a setting should also be made in bits ICK3 to ICK0 in
the serial mode register (SCSMR) to generate the IRCLK signal, resulting in output with the
minimum settable pulse width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com