Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 669 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 669 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 665Page - Renesas Technology Corp SH7616 Datasheet HTML 666Page - Renesas Technology Corp SH7616 Datasheet HTML 667Page - Renesas Technology Corp SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 669 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 643 of 906
REJ09B0292-0200
Clear this bit to 0 if SIRCDR and SITCDR are not used, or if all interrupts triggered by the RDRF,
TDRE, RCD and TCD bits in SISTR are to be processed by the CPU. The initial value of this bit
is 0.
Bit 10: DMACE
Description
0
DMAC is activated by RDRF and TDRE interrupts
(Initial value)
1
DMAC is not activated by RDRF and TDRE interrupts
Bit 9—Transmit-Control-Data-Register-Empty Interrupt Enable (TCIE): Enables the transmit-
control-data-register-empty interrupt. The initial value of this bit is 0.
Bit 9: TCIE
Description
0
Transmit-control-data-register-empty interrupt disabled
(Initial value)
1
Transmit-control-data-register-empty interrupt enabled
Bit 8—Receive-Control-Data-Register-Full Interrupt Enable (RCIE): Enables the receive-control-
data-register-full interrupt. The initial value of this bit is 0.
Bit 8: RCIE
Description
0
Receive-control-data-register-full interrupt disabled
(Initial value)
1
Receive-control-data-register-full interrupt enabled
Bit 7—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 6—Transfer Mode Control (TM): Specifies whether the transmission synchronization signal is
to be input from an external source or generated internally by the chip. When this flag is cleared,
the transmission synchronization signal is STS pin input. When this flag is set, the transmission
synchronization signal is generated by the chip, and is output to an external device from the STS
pin. This bit does not affect reception.
Bit 6: TM
Description
0
External signal input from STS pin is used as transmission start indication
(Initial value)
1
Internal signal output from STS pin is used as transmission start indication
Note: If the transmit mode bit (TRMD) in SIFCR is set to 1, this bit must be cleared to 0.
If TM is set to 1 and SE is set to 1 (interval mode), output of the sync signal stops at the
point at which bits T4 to T0 in SIFDR are cleared to 0 (data count of transmit data register is
zero). If TE remains set to 1 and data is written to SITDR, output of the sync signal resumes
when the value of T4 to T0 in SIFDR becomes H'01 or above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com