Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 672 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 672 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 668Page - Renesas Technology Corp SH7616 Datasheet HTML 669Page - Renesas Technology Corp SH7616 Datasheet HTML 670Page - Renesas Technology Corp SH7616 Datasheet HTML 671Page - Renesas Technology Corp SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 672 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 646 of 906
REJ09B0292-0200
Bit 9—Transmit Control Data Register Empty (TCD): This flag indicates when SITCDR is empty
and can be written to.
Bit 9: TCD
Description
0
SITCDR transmit data is valid
TCD is cleared to 0 in the following cases:
• When 0 is written to TCD after reading TCD = 1
1
SITCDR transmit data is invalid
(Initial value)
TCD is set to 1 in the following cases:
• After data is transferred from SITCDR to SITSR
• When the processor is reset
Bit 8—Receive Control Data Register Full (RCD): This flag indicates when SIRCDR is in wait
status.
Bit 8: RCD
Description
0
SIRCDR receive data is invalid
(Initial value)
RCD is cleared to 0 in the following cases:
• When 0 is written to RCD after reading RCD = 1
• When the processor is reset
1
SIRCDR transmit data is valid
RCD is set to 1 in the following cases:
• After control data has been received normally and data has been
transferred from SIRSR to SIRCDR
Bit 7 to 4—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 3—Transmit Underrun Error (TERR): Flag that indicates the occurrence of a transmit
underrun.
Bit 3: TERR
Description
0
Transmission is in progress, or has ended normally
(Initial value)
[Clearing conditions]
• When 0 is written to the TERR bit after reading TERR = 1
• When the TFRST bit in SIFCR is set to 1
• When the processor enters the reset state
1
A transmit underrun error has occurred
• When the amount of primary transmit data in SITDR is 0 and data is
transferred from SITDR to SITSR using a transmit operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com