Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 676 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 676 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 672Page - Renesas Technology Corp SH7616 Datasheet HTML 673Page - Renesas Technology Corp SH7616 Datasheet HTML 674Page - Renesas Technology Corp SH7616 Datasheet HTML 675Page - Renesas Technology Corp SH7616 Datasheet HTML 676Page - Renesas Technology Corp SH7616 Datasheet HTML 677Page - Renesas Technology Corp SH7616 Datasheet HTML 678Page - Renesas Technology Corp SH7616 Datasheet HTML 679Page - Renesas Technology Corp SH7616 Datasheet HTML 680Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 676 / 935 page
background image
Section 15 Serial I/O with FIFO (SIOF)
Rev. 2.00 Mar 09, 2006 page 650 of 906
REJ09B0292-0200
It also contains a bit used to select LSB first or MSB first when transmitting and receiving to
match the connected codec, as well as a bit for controlling the LSB for transmitted primary data
and control data.
SIFCR is initialized to H'0000 by a reset.
Note that the TE and RE bits in SICTR must be cleared to 0 before changing the values of bits 11
to 10 and 7 to 0 (TRMD, LM, RFWM3 to RFWM0, TFWM3 to TFWM0).
Bit 15 to 12—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 11—Transfer Mode (TRMD): Controls the LSB (bit 0) for transmitted primary data and
control data.
Bit 11: TRMD
Description
0
Value stored in SITDR is always transmitted as LSB of primary data
(Initial value)
1
LSB of primary data is always transmitted as 0
However, the LSB is 1 when the primary data immediately precedes control
data
Note: If the TRMD bit is set to 1, in SICTR the TM bit (STS pin input) should be cleared to 0, the
SE bit (interval mode) set to 1, and the LM bit (transmit/receive MSB format) cleared to 0.
The sync signal output from the connected codec should be input to pins STS and SRS.
The serial clock output from the connected codec should be input to pins STCK and SRCK.
Bit 10—LSB/MSB First Select (LM): Used to select LSB first or MSB first for transmitting and
receiving.
Bit 10: LM
Description
0
MSB first for transmitting and receiving
(Initial value)
1
LSB first for transmitting and receiving
Note: This bit must be cleared to 0 if the TRMD bit is set to 1.
Bit 9—Receive FIFO Data Register Reset (RFRST): Invalidates the primary receive data in
SIRDR and resets it to empty status. Also initializes the RERR and RDRF bits in SISTR.
Note that SICTR is not initialized, so receiving continues if the RE bit is set to 1.
Bit 9: RFRST
Description
0
Reset disabled
(Initial value)
1
Reset enabled
Note:
Reset status persists while this bit is set to 1. Clear this bit to 0 to cancel reset status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com