Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 646 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 646 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 642Page - Renesas Technology Corp SH7616 Datasheet HTML 643Page - Renesas Technology Corp SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp SH7616 Datasheet HTML 646Page - Renesas Technology Corp SH7616 Datasheet HTML 647Page - Renesas Technology Corp SH7616 Datasheet HTML 648Page - Renesas Technology Corp SH7616 Datasheet HTML 649Page - Renesas Technology Corp SH7616 Datasheet HTML 650Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 646 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 620 of 906
REJ09B0292-0200
Error handling
Overrun error handling
Yes
No
ORER = 1?
Clear ORER flag to 0 in SC2SSR
End
Figure 14.20 Sample Serial Reception Flowchart (2)
In serial reception, the SCIF operates as described below.
1. The SCIF performs internal initialization in synchronization with serial clock input or output.
2. The received data is stored in the receive shift register (SCRSR) in LSB-to-MSB order or
MSB-to-LSB order according to the setting of the RLM bit in SC2SSR.
After reception, the SCIF checks whether the receive data can be transferred from SCRSR to
the receive FIFO data register (SCFRDR). If this check is passed, the receive data is stored in
SCFRDR.
If a receive error is detected in the error check, the operation is as shown in table 14.11.
Neither transmit nor receive operations can be performed subsequently when a receive error
has been found in the error check.
Also, as the RDF flag is not set to 1 when receiving, the flag must be cleared to 0.
3. If the RIE bit setting in the serial control register (SCSCR) is 1 when the RDF flag is set to 1, a
receive-FIFO-data-full interrupt (RXI) is requested. If the RIE bit setting in SCRSR is 1 when
the ORER flag is set to 1, a receive-error interrupt (ERI) is requested.
Figure 14.21 shows an example of SCIF operation in reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com