Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 642 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 642 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 638Page - Renesas Technology Corp SH7616 Datasheet HTML 639Page - Renesas Technology Corp SH7616 Datasheet HTML 640Page - Renesas Technology Corp SH7616 Datasheet HTML 641Page - Renesas Technology Corp SH7616 Datasheet HTML 642Page - Renesas Technology Corp SH7616 Datasheet HTML 643Page - Renesas Technology Corp SH7616 Datasheet HTML 644Page - Renesas Technology Corp SH7616 Datasheet HTML 645Page - Renesas Technology Corp SH7616 Datasheet HTML 646Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 642 / 935 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Mar 09, 2006 page 616 of 906
REJ09B0292-0200
• Serial Data Transmission (Synchronous Mode)
Figure 14.18 shows a sample flowchart for serial transmission.
Use the following procedure for serial data transmission after enabling the SCIF for
transmission.
End
Read TDFE flag in SC1SSR
Initialization
Write transmit data to SCFTDR
and clear TDFE flag to 0
in SC1SSR
TDFE = 1?
All data transmitted?
Read TEND flag in SC1SSR
TEND = 1?
Clear TE bit to 0 in SCSCR
Start of transmission
Yes
No
No
No
2
1
3
Yes
Yes
1. PFC initialization: Set the TxD pin,
and the SCK pin if necessary, with
the PFC.
2. SCIF status check and transmit data
write: Read SC1SSR and check that
TDFE =1, then write transmit data to
the transmit FIFO data register
(SCFTDR) and clear the TDFE flag
to 0.
3. Serial transmission continuation
procedure: To continue serial
transmission, read 1 from the TDFE
flag to confirm that writing is possible,
then write data to SCFTDR, and then
clear the TDFE flag to 0.
Figure 14.18 Sample Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com