Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 771Page - Renesas Technology Corp SH7616 Datasheet HTML 772Page - Renesas Technology Corp SH7616 Datasheet HTML 773Page - Renesas Technology Corp SH7616 Datasheet HTML 774Page - Renesas Technology Corp SH7616 Datasheet HTML 775Page - Renesas Technology Corp SH7616 Datasheet HTML 776Page - Renesas Technology Corp SH7616 Datasheet HTML 777Page - Renesas Technology Corp SH7616 Datasheet HTML 778Page - Renesas Technology Corp SH7616 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 749 of 906
REJ09B0292-0200
Contention between TCNT Write and Overflow/Underflow: If there is an up-count or down-
count in the T2 state of a TCNT write cycle, and overflow/underflow occurs, the TCNT write
takes precedence and the TCFV/TCFU flag in TSR is not set .
Figure 17.53 shows the operation timing in the case of contention between a TCNT write and
overflow.
Write signal
Address
P
φ
TCNT address
TCNT
TCNT write cycle
T1
T2
H'FFFF
M
TCNT write data
TCFV flag
Disabled
Figure 17.53 Contention between TCNT Write and Overflow
Multiplexing of I/O Pins: In the Chip, the TCLKA input pin is multiplexed with the TIOCC0 I/O
pin, the TCLKB input pin with the TIOCD0 I/O pin, the TCLKC input pin with the TIOCB1 I/O
pin, and the TCLKD input pin with the TIOCB2 I/O pin. When an external clock is input, compare
match output should not be performed from a multiplexed pin.
Interrupts and Module Stop Mode: If module stop mode is entered when an interrupt has been
requested, it will not be possible to clear the CPU interrupt source or DMAC activation source.
Interrupts should therefore be disabled before entering module stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com