Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 772Page - Renesas Technology Corp SH7616 Datasheet HTML 773Page - Renesas Technology Corp SH7616 Datasheet HTML 774Page - Renesas Technology Corp SH7616 Datasheet HTML 775Page - Renesas Technology Corp SH7616 Datasheet HTML 776Page - Renesas Technology Corp SH7616 Datasheet HTML 777Page - Renesas Technology Corp SH7616 Datasheet HTML 778Page - Renesas Technology Corp SH7616 Datasheet HTML 779Page - Renesas Technology Corp SH7616 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 935 page
background image
Section 17 16-Bit Timer Pulse Unit (TPU)
Rev. 2.00 Mar 09, 2006 page 750 of 906
REJ09B0292-0200
17.8
Usage Notes
17.8.1
Clearing Flags in TSR0 to TSR2
When bits TCFV, TGFD, TGFC, TGFB, and TGFA in TSR0, and bits TCFU, TCFV, TGFB, and
TGFA in TSR1 and TSR2, are cleared, it may happen that the interrupt request in the internal
logic cannot be cleared although the flag is cleared. In this case, if interrupt acceptance is enabled,
another interrupt will be generated.
Either of the following measures should therefore be taken when clearing flags in TSR0 to TSR2.
1. Execute clearing while the TPU timer is counting up.
2. If clearing when the TPU timer is stopped, write 0 to the flag again after executing clearing.
17.8.2
DMA Transfer by TPU0
When DMA transfer is performed by means of TPU channel 0 compare match or input capture,
internal logic interrupt requests (transfer requests) may not be cleared correctly. Therefore, it may
not be possible to execute DMA transfer when a subsequent transfer request is generated by TPU
channel 0 compare match or input capture.
Either of the following measures should therefore be taken when performing DMA transfer by
means of TPU channel 0 compare match or input capture.
1. Do not set on-chip RAM as the DMA transfer source or destination.
2. When on-chip RAM has not been set as the DMA transfer source or destination, execute the
transfer while the TPU channel 0 timer is counting up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com