Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 780 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 780 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 776Page - Renesas Technology Corp SH7616 Datasheet HTML 777Page - Renesas Technology Corp SH7616 Datasheet HTML 778Page - Renesas Technology Corp SH7616 Datasheet HTML 779Page - Renesas Technology Corp SH7616 Datasheet HTML 780Page - Renesas Technology Corp SH7616 Datasheet HTML 781Page - Renesas Technology Corp SH7616 Datasheet HTML 782Page - Renesas Technology Corp SH7616 Datasheet HTML 783Page - Renesas Technology Corp SH7616 Datasheet HTML 784Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 780 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 754 of 906
REJ09B0292-0200
TDO in the IDCODE mode. All registers, except SDBPR, SDBSR, and SDIDR, can be accessed
from the CPU.
Table 18.3 shows the kinds of serial transfer possible with each register.
Table 18.3 H-UDI Register Serial Transfer
Register
Serial Input
Serial Output
SDIR
Possible
Possible
SDSR
Impossible
Possible
SDDRH
Possible
Possible
SDDRL
Possible
Possible
SDBPR
Possible
Possible
SDBSR
Possible
Possible
SDIDR
Impossible
Possible
18.2
External Signals
18.2.1
Test Clock (TCK)
The test clock pin (TCK) provides an independent clock supply to the H-UDI. As the clock input
to TCK is supplied directly to the H-UDI, a clock waveform with a duty cycle close to 50% should
be input (for details, see section 22, Electrical Characteristics). If no clock is input, TCK is fixed at
1 by internal pull-up.
18.2.2
Test Mode Select (TMS)
The test mode select pin (TMS) is sampled on the rise of TCK. TMS controls the internal state of
the TAP controller. If no signal is input, TMS is fixed at 1 by internal pull-up.
18.2.3
Test Data Input (TDI)
The test data input pin (TDI) performs serial input of instructions and data for H-UDI registers.
TDI is sampled on the rise of TCK. If no signal is input, TDI is fixed at 1 by internal pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com