Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 781 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 781 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 777Page - Renesas Technology Corp SH7616 Datasheet HTML 778Page - Renesas Technology Corp SH7616 Datasheet HTML 779Page - Renesas Technology Corp SH7616 Datasheet HTML 780Page - Renesas Technology Corp SH7616 Datasheet HTML 781Page - Renesas Technology Corp SH7616 Datasheet HTML 782Page - Renesas Technology Corp SH7616 Datasheet HTML 783Page - Renesas Technology Corp SH7616 Datasheet HTML 784Page - Renesas Technology Corp SH7616 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 755 of 906
REJ09B0292-0200
18.2.4
Test Data Output (TDO)
The test data output pin (TDO) performs serial output of instructions and data from H-UDI
registers. Transfer is performed in synchronization with TCK. If there is no output, TDO goes to
the high-impedance state.
18.2.5
Test Reset (
TRST
TRST
TRST
TRST)
The test reset pin (
TRST) initializes the H-UDI asynchronously. If no signal is input, TRST is
fixed at 1 by internal pull-up.
18.3
Register Descriptions
18.3.1
Instruction Register (SDIR)
Bit:
15
14
13
12
11
10
9
8
TS3
TS2
TS1
TS0
————
Initial value:
11100000
R/W:
RRRRRRRR
Bit:
76543210
————————
Initial value:
00000000
R/W:
RRRRRRRR
The instruction register (SDIR) is a 16-bit register that can only be read by the CPU. H-UDI
instructions can be transferred to SDIR by serial input from TDI. SDIR can be initialized by the
TRST signal, but is not initialized by a reset or in standby mode.
SDIR defines 4 valid bits for instruction. If an instruction exceeding 4 bits is input, the last 4 bits
of the serial data will be stored in SDIR.
Operation is not guaranteed if a reserved instruction is set in this register.
Bits 15 to 12—Test Set Bits (TS3–TS0): Table 18.4 shows the instruction configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com