Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 785 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 785 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 781Page - Renesas Technology Corp SH7616 Datasheet HTML 782Page - Renesas Technology Corp SH7616 Datasheet HTML 783Page - Renesas Technology Corp SH7616 Datasheet HTML 784Page - Renesas Technology Corp SH7616 Datasheet HTML 785Page - Renesas Technology Corp SH7616 Datasheet HTML 786Page - Renesas Technology Corp SH7616 Datasheet HTML 787Page - Renesas Technology Corp SH7616 Datasheet HTML 788Page - Renesas Technology Corp SH7616 Datasheet HTML 789Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 785 / 935 page
background image
Section 18 User Debug Interface (H-UDI)
Rev. 2.00 Mar 09, 2006 page 759 of 906
REJ09B0292-0200
Table 18.5 shows the relationship between the terminals of the LSI and the boundary scan register.
Table 18.5 Correspondence between Pins and Boundary Scan Register Bits
Pin No.
Pin Name
Input/Output
Bit No.
from TDI
34
D0
Input
329
Output
328
Output enable
327
36
D1
Input
326
Output
325
Output enable
324
37
D2
Input
323
Output
322
Output enable
321
38
D3
Input
320
Output
319
Output enable
318
39
D4
Input
317
Output
316
Output enable
315
40
D5
Input
314
Output
313
Output enable
312
41
D6
Input
311
Output
310
Output enable
309
43
D7
Input
308
Output
307
Output enable
306
44
D8
Input
305
Output
304
Output enable
303
46
D9
Input
302
Output
301
Output enable
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com